Part Number Hot Search : 
PE4642 34063 PRODUCT 16F676P HAT2267H 34601 IRKT911 LT1413A
Product Description
Full Text Search
 

To Download BAS70-06T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30261 rev. 6 - 2 1 of 3 bas70t/ -04t/ -05t/ -06t www.diodes.com  diodes incorporated  low turn-on voltage  fast switching  pn junction guard ring for transient and esd protection  ultra-small surface mount package  also available in lead free version features a m j l d b c h k g top view n mechanical data bas70t/ -04t/ -05t/ -06t surface mount schottky barrier diode notes: 1. device mounted on fr-4 pc board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. short duration test pulse used to minimize self-heating effect. electrical ratings @ t a = 25c unless otherwise specified bas70t marking: 7c bas70-04t marking: 7d bas70-05t marking: 7e BAS70-06T marking: 7f characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 70 v rms reverse voltage v r(rms) 49 v forward continuous current (note 1) i fm 70 ma non-repetitive peak forward surge current @ t p  1.0s i fsm 100 ma power dissipation (note 1) p d 150 mw thermal resistance junction to ambient air (note 1) r  ja 833 c/w operating temperature range t j -55 to +125 c storage temperature range t stg -65 to +150 c maximum ratings and electrical characteristics, single diode @ t a = 25c unless otherwise specified characteristic symbol min max unit test condition reverse breakdown voltage (note 2) v (br)r 70 ? ? i r = 10  a forward voltage (note 2) v f ? 410 1000 mv t p <300s, i f = 1.0ma t p <300s, i f = 15ma leakage current (note 2) i r  100 na t p < 300s, v r = 50v total capacitance c t  2.0 pf v r = 0v, f = 1.0mhz reverse recovery time t rr ? 5.0 ns i f = i r = 10ma to i r = 1.0ma, irr = 0.1 x i r , r l = 100   case: sot-523, molded plastic  case material - ul flammability rating 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish). please see ordering information, note 4, on page 3  polarity: see diagrams below  marking: see diagrams below & page 2  weight: 0.002 grams (approx.) t u c d o r p w e n sot-523 dim min max typ a 0.15 0.30 0.22 b 0.75 0.85 0.80 c 1.45 1.75 1.60 d  0.50 g 0.90 1.10 1.00 h 1.50 1.70 1.60 j 0.00 0.10 0.05 k 0.60 0.80 0.75 l 0.10 0.30 0.22 m 0.10 0.20 0.12 n 0.45 0.65 0.50  0 8  all dimensions in mm
ds30261 rev. 6 - 2 2 of 3 bas70t/ -04t/ -05t/ -06t www.diodes.com t c u d o r p w e n 0.1 0 1.0 10 0.4 0.6 0.2 0.8 1.2 1.0 1.4 1.6 v , instantaneous forward voltage (v) f fi g . 1 t y pical forward characteristics i , instantaneous forward current (ma) f 100 t = 125oc a t = -40oc a t = 75oc a t = 25oc a t = 0oc a 0.1 1 10 100 1000 10000 0 20 10 30 60 50 40 70 v , reverse voltage (v) r fi g .2 t y pical reverse characteristics i , instantaneous reverse current (na) r t = -40oc a t = 25oc a t = 75oc a t = 125oc a t = 0oc a 0 0.2 0.4 0.6 0.8 1.4 1.2 1.0 1 . 8 1.6 0 10 5 20 25 15 35 30 40 c , total capacitance (pf) t v , reverse voltage (v) r fi g .3 t y pical capacitance f= 1.0mhz 0 100 200 2 5 0 200 150 50 100 0 t , ambient temperature ( c) a fi g . 4 power deratin g curve, total packa g e p , power dissipation (mw) d
ds30261 rev. 6 - 2 3 of 3 bas70t/ -04t/ -05t/ -06t www.diodes.com notes: 3. for packaging details: go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 4. for lead free version (with lead free terminal finish) part number, please add "-f" suffix to part number a bove. example: BAS70-06T-7-f. ordering information (note 3) device packaging shipping bas70t-7 sot-523 3000/tape & reel bas70-04t-7 sot-523 3000/tape & reel bas70-05t-7 sot-523 3000/tape & reel BAS70-06T-7 sot-523 3000/tape & reel month jan feb march apr may jun jul aug sep oct nov dec code 12345 67 89 o nd year 2002 2003 2004 2005 2006 2007 2008 2009 code nprst u vw date code key xx = product type marking code (see page 1, e.g. 7c = bas70t) ym = date code marking y = year (ex: n = 2002) m = month (ex: 9 = september) xxym marking information t u c d o r p w e n


▲Up To Search▲   

 
Price & Availability of BAS70-06T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X